PART |
Description |
Maker |
NOIL1SM0300A |
LUPA 300 VGA CMOS Image Sensor
|
ON Semiconductor
|
HCPL-901J HCPL-900J HCPL-9031 HCPL-902J HCPL-9030 |
SPECIAL HCPL-0931 · High Speed Digital Isolator HCPL-0930 · High Speed Digital Isolator HCPL-092J · High Speed Digital Isolator HCPL-091J · High Speed Digital Isolator HCPL-090J · High Speed Digital Isolator HCPL-0900 · High Speed Digital Isolator HCPL-9000 · High Speed Digital Isolator HCPL-9030 · High Speed Digital Isolator HCPL-902J · High Speed Digital Isolator HCPL-9031 · High Speed Digital Isolator HCPL-900J · High Speed Digital Isolator HCPL-901J · High Speed Digital Isolator
|
Agilent (Hewlett-Packard)
|
IBIS4-1300-C1-2 IBIS4-1300-M-1 IBIS4-1300-M-2 CYII |
1.3 MPxl Rolling Shutter CMOS Image Sensor 1.3 MPxl卷帘门的CMOS图像传感
|
Cypress Semiconductor Corp.
|
STH61005AE9292 STH61004Z STH61004ZE9313 |
1300 nm Laser, High Power
|
Infineon
|
ZL60009 ZL60009_TBD ZL60009/TBD ZL60009TBD |
PINpreamp 1300 nm-1550 nm. PIN/Preamp 1300 nm-1550 nm
|
ZARLINK[Zarlink Semiconductor Inc]
|
VO2631-X017T VO2601 VO2601-X017T |
High Speed Optocouplers 10Mbd High-Speed Dual CTR>300% High Speed Optocoupler, Single and Dual, 10 MBd
|
Vishay Semiconductors Vishay Siliconix
|
HFTC-9R5 |
Ceramic High Pass Filter 1300 to 3500 MHz
|
MINI[Mini-Circuits]
|
ADM222 ADM222AN ADM222AR ADM232A ADM232AAN ADM232A |
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers High Speed/ 5 V/ 0.1 uF CMOS RS-232 Drivers/Receivers High Speed. 5 V. 0.1 uF CMOS RS-232 Drivers/Receivers 高速5.1超滤的CMOS的RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 LED GREEN DIFFUSED 1X5MM RECT DUAL LINE TRANSCEIVER, PDSO16
|
http:// AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
TPC8006-H |
Field Effect Transistor Silicon N Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Portable Equipment Applications Notebook PC Applications
|
TOSHIBA
|
ADM222 ADM242 ADM232A ADM222AARN ADM222AARW |
Nominal:5V; high-speed; 400mW; CMOS RS-232 driver/receiver. For computers, peripherals, modems, printers, instruments Part of a family of high speed RS-232 line drivers/receivers offering transmission rates up to 200 kB/s High Speed, 5V, 0.1 F CMOS RS-232 200kBPS Transceiver with 2 Drivers, 2 Receivers, Shutdown and Enable Pins High Speed, 5V, 0.1 F CMOS RS-232 Transceiver with 2 Drivers, 2 Receivers, 200kBPS Data Rate and a Shutdown Pin
|
Analog Devices
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
MAX301 MAX301CJE MAX301CPE MAX301CSE MAX301EJE MAX |
Precision, Dual, High-Speed Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP16 Precision, Dual, High-Speed Analog Switches 精密,双路,高速模拟开 Precision / Dual / High-Speed Analog Switches 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters Precision Dual High-Speed Analog Switches
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|